Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P250 Datasheet (PDF) - Actel Corporation

A3P250 Datasheet PDF - Actel Corporation
Part # A3P250
Download  A3P250 Download
File Size   538.73 Kbytes
Page   1 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description Camera Interface

A3P250 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3P250 Datasheet PDF - Actel Corporation

Part # A3P250
Download  A3P250 Click to download

File Size   538.73 Kbytes
Page   1 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description Camera Interface

A3P250 Datasheet (HTML) - Actel Corporation


A3P250 Product details

General Description
ProASIC3, the third-generation family of Actel flash FPGAs, offers performance, density, and features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3 devices the advantage of being a secure, low-power, single-chip solution that is live at power-up (LAPU). ProASIC3 is reprogrammable and offers time-to-market benefits at an ASIC-level unit cost. These features enable designers to create high-density systems using existing ASIC or FPGA design flows and tools.

Features and Benefits
High Capacity
• 15 k to 1 M System Gates
• Up to 144 kbits of True Dual-Port SRAM
• Up to 300 User I/Os

Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
• Live at Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off

High Performance
• 350 MHz System Performance
• 3.3 V, 66 MHz 64-Bit PCI†

In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
• FlashLock® to Secure FPGA Contents

Low Power
• Core Voltage for Low Power
• Support for 1.5 V-Only Systems
• Low-Impedance Flash Switches

High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure

Advanced I/O
• 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold Sparing I/Os‡
• Programmable Output Slew Rate† and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC3 Family

Clock Conditioning Circuit (CCC) and PLL†
• Six CCC Blocks, One with an Integrated PLL
• Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
• Wide Input Frequency Range (1.5 MHz to 350 MHz)

Embedded Memory†
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
• True Dual-Port SRAM (except ×18)

ARM Processor Support in ProASIC3 FPGAs
• M1 and M7 ProASIC3 Devices—Cortex-M1 and CoreMP7 Soft Processor Available with or without Debug




Similar Part No. - A3P250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3P250 ETC2-A3P250 Datasheet
214Kb / 11P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Microsemi Corporation
A3P250 MICROSEMI-A3P250 Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P250 MICROSEMI-A3P250 Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P250 MICROSEMI-A3P250 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs
A3P250 MICROSEMI-A3P250 Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs
More results


Similar Description - A3P250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
Digital camera USB interface
2000 Jan 27
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
Digital camera USB interface IC
1999 Apr 02
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Rohm
BH6412KN ROHM-BH6412KN Datasheet
201Kb / 6P
Monaural Audio Interface LSI for Digital still camera
logo
Silicon image
MARVIN-5MP SILICONIMAGE-MARVIN-5MP Datasheet
108Kb / 2P
5 Megapixel Camera Interface
logo
List of Unclassifed Man...
C328R ETC2-C328R Datasheet
77Kb / 2P
JPEG Camera Module W/ UART Interface
logo
Toshiba Semiconductor
TC358740 TOSHIBA-TC358740 Datasheet
194Kb / 3P
TC358743 Camera Serial Interface Converter Chipset (HDMI to MIPI짰)
logo
Epson Company
S2D13P04 EPSON-S2D13P04 Datasheet
677Kb / 2P
Multi Camera Interface ICs
S2D13P04F00A EPSON-S2D13P04F00A Datasheet
677Kb / 2P
Multi Camera Interface ICs
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com