Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P125 Datasheet (PDF) - Actel Corporation

A3P125 Datasheet PDF - Actel Corporation
Part # A3P125
Download  A3P125 Download
File Size   414.29 Kbytes
Page   1 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ATA/ATAPI Controller

A3P125 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3P125 Datasheet PDF - Actel Corporation

Part # A3P125
Download  A3P125 Click to download

File Size   414.29 Kbytes
Page   1 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ATA/ATAPI Controller

A3P125 Datasheet (HTML) - Actel Corporation


A3P125 Product details

General Description
ProASIC3, the third-generation family of Actel flash FPGAs, offers performance, density, and features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3 devices the advantage of being a secure, low-power, single-chip solution that is live at power-up (LAPU). ProASIC3 is reprogrammable and offers time-to-market benefits at an ASIC-level unit cost. These features enable designers to create high-density systems using existing ASIC or FPGA design flows and tools.

Features and Benefits
High Capacity
• 15 k to 1 M System Gates
• Up to 144 kbits of True Dual-Port SRAM
• Up to 300 User I/Os

Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
• Live at Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off

High Performance
• 350 MHz System Performance
• 3.3 V, 66 MHz 64-Bit PCI†

In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
• FlashLock® to Secure FPGA Contents

Low Power
• Core Voltage for Low Power
• Support for 1.5 V-Only Systems
• Low-Impedance Flash Switches

High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure

Advanced I/O
• 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold Sparing I/Os‡
• Programmable Output Slew Rate† and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC3 Family

Clock Conditioning Circuit (CCC) and PLL†
• Six CCC Blocks, One with an Integrated PLL
• Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
• Wide Input Frequency Range (1.5 MHz to 350 MHz)

Embedded Memory†
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
• True Dual-Port SRAM (except ×18)

ARM Processor Support in ProASIC3 FPGAs
• M1 and M7 ProASIC3 Devices—Cortex-M1 and CoreMP7 Soft Processor Available with or without Debug




Similar Part No. - A3P125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3P125 ETC2-A3P125 Datasheet
214Kb / 11P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Microsemi Corporation
A3P125 MICROSEMI-A3P125 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs
A3P125 MICROSEMI-A3P125 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P125 MICROSEMI-A3P125 Datasheet
9Mb / 212P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P125 MICROSEMI-A3P125 Datasheet
9Mb / 210P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Similar Description - A3P125

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
USB to ATA/ATAPI Interface Controller
logo
SMSC Corporation
USB97C202 SMSC-USB97C202 Datasheet
305Kb / 17P
ATA/ATAPI CONTROLLER
USB2005 SMSC-USB2005 Datasheet
794Kb / 21P
USB2.0 ATA/ATAPI CONTROLLER WITH PD - DRM
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
USB 2.0 ATA/ ATAPI Controller
logo
Texas Instruments
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
SMSC Corporation
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
USB 2.0 ATA/ ATAPI Controller
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
USB 2.0 ATA/ATAPI Controller
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
USB2.0 to ATA/ATAPI Bridge Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
USB 2.0 To ATA/ATAPI Bridge Controller
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com