Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPV10 Datasheet (PDF) - Vishay Siliconix

BPV10 Datasheet PDF - Vishay Siliconix
Part # BPV10
Download  BPV10 Download
File Size   80.14 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

BPV10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPV10 Datasheet PDF - Vishay Siliconix

Part # BPV10
Download  BPV10 Click to download

File Size   80.14 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode

BPV10 Datasheet (HTML) - Vishay Siliconix


BPV10 Product details

DESCRIPTION
BPV10 is a PIN photodiode with high speed and high radiant sensitivity in clear, T-1¾ plastic package. It is sensitive to visible and near infrared radiation.

FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Radiant sensitive area (in mm2): 0.78
• High photo sensitivity
• High radiant sensitivity
• Suitable for visible and near infrared radiation
• High bandwidth: 250 MHz at VR = 12 V
• Fast response times
• Angle of half sensitivity: φ = ± 20°
• Compliant to RoHS Directive 2002/95/EC and in accordance with WEEE 2002/96/EC

APPLICATIONS
• High speed photo detector




Similar Part No. - BPV10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV10 VISHAY-BPV10 Datasheet
107Kb / 5P
Silicon PIN Photodiode, RoHS Compliant
08-Sep-08
BPV10 VISHAY-BPV10 Datasheet
106Kb / 5P
Silicon PIN Photodiode, RoHS Compliant
07-Apr-11
BPV10 VISHAY-BPV10 Datasheet
120Kb / 5P
Silicon PIN Photodiode
26-Jul-2021
BPV10 VISHAY-BPV10 Datasheet
120Kb / 5P
Silicon PIN Photodiode
26-Jul-2021
BPV10NF VISHAY-BPV10NF Datasheet
81Kb / 5P
High Speed Silicon PIN Photodiode
16-Sep-08
More results


Similar Description - BPV10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com