Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP75NF75 Datasheet (PDF) - Inchange Semiconductor Company Limited

STP75NF75 Datasheet PDF - Inchange Semiconductor Company Limited
Part # STP75NF75
Download  STP75NF75 Download
File Size   94.57 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

STP75NF75 Datasheet (PDF)

Go To PDF Page Download Datasheet
STP75NF75 Datasheet PDF - Inchange Semiconductor Company Limited

Part # STP75NF75
Download  STP75NF75 Click to download

File Size   94.57 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

STP75NF75 Datasheet (HTML) - Inchange Semiconductor Company Limited


STP75NF75 Product details

FEATURES

• Drain Current –ID= 80A@ TC=25℃  

• Drain Source Voltage : VDSS= 75V(Min)

• Static Drain-Source On-Resistance : RDS(on)= 0.011Ω(Max)



DESCRIPTION

Suitable as primary switch in advanced high-efficiency, high-frequency isolated DC-DC converters for Telecom and Computer applications. It is also intended for any application with low gate 

drive requirements .



APPLICATIONS

• Solenoid and relay drivers

• DC motor control

• DC-DC converters DC

• Automotive environment




Similar Part No. - STP75NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP75NF75 STMICROELECTRONICS-STP75NF75 Datasheet
473Kb / 11P
N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D²PAK STripFET™ II POWER MOSFET
27-Feb-2007
STP75NF75 STMICROELECTRONICS-STP75NF75 Datasheet
422Kb / 16P
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
27-Feb-2007
logo
New Jersey Semi-Conduct...
STP75NF75 NJSEMI-STP75NF75 Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
logo
SYC Electronica
STP75NF75 SYC-STP75NF75 Datasheet
446Kb / 15P
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET™ II Power MOSFET
logo
STMicroelectronics
STP75NF75FP STMICROELECTRONICS-STP75NF75FP Datasheet
473Kb / 11P
N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D²PAK STripFET™ II POWER MOSFET
27-Feb-2007
More results


Similar Description - STP75NF75

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com