Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A42MX09-PL100 Datasheet (PDF) - Actel Corporation

A42MX09-PL100 Datasheet PDF - Actel Corporation
Part # A42MX09-PL100
Download  A42MX09-PL100 Download
File Size   908.54 Kbytes
Page   123 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description 40MX and 42MX FPGA Families

A42MX09-PL100 Datasheet (PDF)

Go To PDF Page Download Datasheet
A42MX09-PL100 Datasheet PDF - Actel Corporation

Part # A42MX09-PL100
Download  A42MX09-PL100 Click to download

File Size   908.54 Kbytes
Page   123 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description 40MX and 42MX FPGA Families

A42MX09-PL100 Datasheet (HTML) - Actel Corporation


A42MX09-PL100 Product details

General Description
Actels 40MX and 42MX families offer a cost-effective design solution at 5V. The MX devices are single-chip solutions and provide high performance while shortening the system design and development cycle. MX devices can integrate and consolidate logic implemented in multiple PALs, CPLDs, and FPGAs. Example applications include high-speed controllers and address decoding, peripheral bus interfaces, DSP, and coprocessor functions.

Features
High Capacity
• Single-Chip ASIC Alternative
• 3,000 to 54,000 System Gates
• Up to 2.5 kbits Configurable Dual-Port SRAM
• Fast Wide-Decode Circuitry
• Up to 202 User-Programmable I/O Pins

High Performance
• 5.6 ns Clock-to-Out
• 250 MHz Performance
• 5 ns Dual-Port SRAM Access
• 100 MHz FIFOs
• 7.5 ns 35-Bit Address Decode

HiRel Features
• Commercial, Industrial, Automotive, and Military
   Temperature Plastic Packages
• Commercial, Military Temperature, and MIL-STD-883
   Ceramic Packages
• QML Certification
• Ceramic Devices Available to DSCC SMD

Ease of Integration
• Mixed-Voltage Operation (5.0V or 3.3V for core and
   I/Os), with PCI-Compliant I/Os
• Up to 100% Resource Utilization and 100% Pin
   Locking
• Deterministic, User-Controllable Timing
• Unique In-System Diagnostic and Verification
   Capability with Silicon Explorer II
• Low Power Consumption
• IEEE Standard 1149.1 (JTAG) Boundary Scan Testing




Similar Part No. - A42MX09-PL100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX09-PL100A MICROSEMI-A42MX09-PL100A Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX09-PL100B MICROSEMI-A42MX09-PL100B Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX09-PL100I MICROSEMI-A42MX09-PL100I Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX09-PL100M MICROSEMI-A42MX09-PL100M Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
More results


Similar Description - A42MX09-PL100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
40MX and 42MX FPGA Families
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com