Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F16C30 Datasheet (PDF) - Mospec Semiconductor

F16C30 Datasheet PDF - Mospec Semiconductor
Part # F16C30
Download  F16C30 Download
File Size   137.78 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(16A,300-600V)

F16C30 Datasheet (PDF)

Go To PDF Page Download Datasheet
F16C30 Datasheet PDF - Mospec Semiconductor

Part # F16C30
Download  F16C30 Click to download

File Size   137.78 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(16A,300-600V)

F16C30 Datasheet (HTML) - Mospec Semiconductor


F16C30 Product details




Similar Part No. - F16C30

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F16C30CT THINKISEMI-F16C30CT Datasheet
307Kb / 2P
16.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
Edition:20210604-V2
logo
Chenmko Enterprise Co. ...
F16C30PT CHENMKO-F16C30PT Datasheet
76Kb / 2P
FAST RECOVERY RECTIFIER
More results


Similar Description - F16C30

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F12C30 MOSPEC-F12C30 Datasheet
141Kb / 2P
POWER RECTIFIERS(12A,300-600V)
F30D30 MOSPEC-F30D30 Datasheet
140Kb / 2P
POWER RECTIFIERS(30A,300-600V)
H16C30 MOSPEC-H16C30 Datasheet
147Kb / 2P
HIGH EFFICIENCY RECTIFIERS(16A,300-600V)
U06C30 MOSPEC-U06C30 Datasheet
141Kb / 2P
POWER RECTIFIERS(6.0A,300-600V)
U12C30 MOSPEC-U12C30 Datasheet
139Kb / 2P
POWER RECTIFIERS(12A,300-600V)
U16C30 MOSPEC-U16C30 Datasheet
138Kb / 2P
POWER RECTIFIERS(16A,300-600V)
U20C30 MOSPEC-U20C30 Datasheet
141Kb / 2P
POWER RECTIFIERS(20A,300-600V)
U20D30 MOSPEC-U20D30 Datasheet
140Kb / 2P
POWER RECTIFIERS(20A,300-600V)
U30D30 MOSPEC-U30D30 Datasheet
142Kb / 2P
POWER RECTIFIERS(30A,300-600V)
U60D30 MOSPEC-U60D30 Datasheet
143Kb / 2P
POWER RECTIFIERS(60A,300-600V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com