Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F30D05 Datasheet (PDF) - Mospec Semiconductor

F30D05 Datasheet PDF - Mospec Semiconductor
Part # F30D05
Download  F30D05 Download
File Size   137.23 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(30A,50-200V)

F30D05 Datasheet (PDF)

Go To PDF Page Download Datasheet
F30D05 Datasheet PDF - Mospec Semiconductor

Part # F30D05
Download  F30D05 Click to download

File Size   137.23 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(30A,50-200V)

F30D05 Datasheet (HTML) - Mospec Semiconductor


F30D05 Product details

Switchmode Dual Fast Recovery Power Rectifier

... Designeed for use in switching power supplies inverter and as free wheeling diodes. These state-of-the-art devices have the following features:

* Glass Passivated chip junctions
* Low Reverse Leakage Current
* Fast Switching for High Efficiency
* 150°C Operating Junction Temperature
* Low Forward Voltage, High Current Capability
* Plastic Material used Carries Underwriters Laboratory Flammability Classification 94V-O




Similar Part No. - F30D05

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F30D100CT THINKISEMI-F30D100CT Datasheet
281Kb / 2P
30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Edition:20210604-V2
F30D120CT THINKISEMI-F30D120CT Datasheet
281Kb / 2P
30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Edition:20210604-V2
F30D20CT THINKISEMI-F30D20CT Datasheet
281Kb / 2P
30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Edition:20210604-V2
logo
Mospec Semiconductor
F30D30 MOSPEC-F30D30 Datasheet
140Kb / 2P
POWER RECTIFIERS(30A,300-600V)
logo
Thinki Semiconductor Co...
F30D30CT THINKISEMI-F30D30CT Datasheet
281Kb / 2P
30.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Edition:20210604-V2
More results


Similar Description - F30D05

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F12C05 MOSPEC-F12C05 Datasheet
136Kb / 2P
POWER RECTIFIERS(12A,50-200V)
F16C05 MOSPEC-F16C05 Datasheet
135Kb / 2P
POWER RECTIFIERS(16A,50-200V)
H30D05 MOSPEC-H30D05 Datasheet
141Kb / 2P
HIGH EFFICIENCY RECTIFIERS(30A,50-200V)
U06C05 MOSPEC-U06C05 Datasheet
134Kb / 2P
POWER RECTIFIERS(6.0A,50-200V)
U08A05 MOSPEC-U08A05 Datasheet
134Kb / 2P
POWER RECTIFIERS(8A,50-200V)
U12C05 MOSPEC-U12C05 Datasheet
135Kb / 2P
POWER RECTIFIERS(12A,50-200V)
U20C05 MOSPEC-U20C05 Datasheet
138Kb / 2P
POWER RECTIFIERS(20A,50-200V)
U20D05 MOSPEC-U20D05 Datasheet
141Kb / 2P
POWER RECTIFIERS(20A,50-200V)
U30D05 MOSPEC-U30D05 Datasheet
138Kb / 2P
POWER RECTIFIERS(30A,50-200V)
U60D05 MOSPEC-U60D05 Datasheet
138Kb / 2P
POWER RECTIFIERS(60A,50-200V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com