Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CQY36N Datasheet (PDF) - Vishay Siliconix

CQY36N Datasheet PDF - Vishay Siliconix
Part # CQY36N
Download  CQY36N Download
File Size   120.82 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs Infrared Emitting Diode in Miniature (T-3/4) Package

CQY36N Datasheet (PDF)

Go To PDF Page Download Datasheet
CQY36N Datasheet PDF - Vishay Siliconix

Part # CQY36N
Download  CQY36N Click to download

File Size   120.82 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs Infrared Emitting Diode in Miniature (T-3/4) Package

CQY36N Datasheet (HTML) - Vishay Siliconix


CQY36N Product details

DESCRIPTION
CQY36N is an infrared, 950 nm emitting diode in GaAs technology molded in a miniature, clear plastic package without lens.

FEATURES
• Package type: leaded
• Package form: T-¾
• Dimensions (in mm): Ø 1.8
• Peak wavelength: λp = 950 nm
• High reliability
• Angle of half intensity: φ = ± 55°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Package matches with detector BPW16N
• Compliant to RoHS Directive 2002/95/EC and in accordance with WEEE 2002/96/EC

APPLICATIONS
• Radiation source in near infrared range




Similar Part No. - CQY36N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY36N VISHAY-CQY36N Datasheet
99Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
CQY36N VISHAY-CQY36N Datasheet
95Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
16-May-11
CQY36N VISHAY-CQY36N Datasheet
98Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
16-May-11
CQY36N VISHAY-CQY36N Datasheet
97Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
16-May-11
CQY36N VISHAY-CQY36N_08 Datasheet
99Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
04-Sep-08
More results


Similar Description - CQY36N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY37N VISHAY-CQY37N Datasheet
76Kb / 5P
GaAs Infrared Emitting Diode in Miniature (T-3/4)Package
20-May-99
logo
Unity Opto Technology
MIE-516A2U UOT-MIE-516A2U Datasheet
29Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-516A4U UOT-MIE-516A4U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-526A2U UOT-MIE-526A2U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-526A4U UOT-MIE-526A4U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-536A2U UOT-MIE-536A2U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546A2U UOT-MIE-546A2U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-556A4U UOT-MIE-556A4U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824A4 UOT-MIE-824A4 Datasheet
31Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
logo
Vishay Siliconix
CQY37N VISHAY-CQY37N_06 Datasheet
106Kb / 6P
GaAs Infrared Emitting Diode in Miniature (T-4/3) Package
30-Mar-06
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com