Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3478EFE Datasheet (PDF) - Linear Technology

LT3478EFE Datasheet PDF - Linear Technology
Part # LT3478EFE
Download  LT3478EFE Download
File Size   288.21 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 4.5A Monolithic LED Drivers with True Color PWM Dimming

LT3478EFE Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3478EFE Datasheet PDF - Linear Technology

Part # LT3478EFE
Download  LT3478EFE Click to download

File Size   288.21 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 4.5A Monolithic LED Drivers with True Color PWM Dimming

LT3478EFE Datasheet (HTML) - Linear Technology




Similar Part No. - LT3478EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478 LINER-LT3478 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3478 LINER-LT3478 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3478 LINEAR_DIMENSIONS-LT3478 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3478 AD-LT3478 Datasheet
504Kb / 28P
40VIN, 75VOUT LED Controllers
10/19-REV.E
LT3478 AD-LT3478 Datasheet
399Kb / 26P
100VIN, 100VOUT LED Controller
02/20-REV.C
More results


Similar Description - LT3478EFE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
logo
Linear Technology
LT3474EFE LINER-LT3474EFE Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3478 LINER-LT3478_15 Datasheet
293Kb / 24P
4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478-1 LINER-LT3478-1_15 Datasheet
293Kb / 24P
4.5A Monolithic LED Drivers with True Color PWM Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Monolithic Power System...
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com