Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K814P Datasheet (PDF) - Vishay Siliconix

K814P Datasheet PDF - Vishay Siliconix
Part # K814P
Download  K814P Download
File Size   192.1 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototransistor Output

K814P Datasheet (PDF)

Go To PDF Page Download Datasheet
K814P Datasheet PDF - Vishay Siliconix

Part # K814P
Download  K814P Click to download

File Size   192.1 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototransistor Output

K814P Datasheet (HTML) - Vishay Siliconix


K814P Product details

DESCRIPTION

The K814P/K824P/K844P consist of a phototransistor optically coupled to 2 gallium arsenide infrared emitting diodes (reverse polarity) in 4-pin (single); 8 pin (dual) or 16-pin (quad) plastic dual inline package. The elements are mounted on one leadframe providing a fixed distance between input and output for highest safety requirements.



FEATURES

• Endstackable to 2.54 mm (0.1") spacing

• DC isolation test voltage VISO = 5000 VRMS

• Low coupling capacitance of typical 0.3 pF

• Current transfer ratio (CTR) of typical 100 %

• Low temperature coefficient of CTR

• Wide ambient temperature range

• Lead (Pb)-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



APPLICATIONS

• Feature phones

• Answering machines

• PBX

• Fax machines



 




Similar Part No. - K814P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K814P VISHAY-K814P Datasheet
262Kb / 9P
Optocoupler, Phototransistor Output, AC input
26-Oct-04
K814P VISHAY-K814P Datasheet
182Kb / 8P
Optocoupler, Phototransistor Output, AC Input
09-Jan-08
K814P VISHAY-K814P Datasheet
189Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
K814P VISHAY-K814P Datasheet
184Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-08
K814P VISHAY-K814P Datasheet
184Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-08
More results


Similar Description - K814P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
Optocoupler with Phototransistor Output
11-Jan-99
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
Optocoupler with Phototransistor Output
08-Sep-99
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com