Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3497 Datasheet (PDF) - Linear Integrated Systems

LT3497 Datasheet PDF - Linear Integrated Systems
Part # LT3497
Download  LT3497 Download
File Size   345.75 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Dual Full Function White LED Driver with Integrated Schottky Diodes

LT3497 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3497 Datasheet PDF - Linear Integrated Systems

Part # LT3497
Download  LT3497 Click to download

File Size   345.75 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Dual Full Function White LED Driver with Integrated Schottky Diodes

LT3497 Datasheet (HTML) - Linear Integrated Systems


LT3497 Product details

DESCRIPTION
The LT®3497 is a dual full function step-up DC/DC converter specifi cally designed to drive up to 12 white LEDs (6 white LEDs in series per converter) from a Li-Ion cell. Series connection of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors and expensive factory calibration.

FEATURES
■ Drives Up to 12 White LEDs (6 in Series per
   Converter) from a 3V Supply
■ Two Independent Boost Converters Capable of
   Driving Asymmetric LED Strings
■ Independent Dimming and Shutdown Control of the
   Two LED Strings
■ High Side Sense Allows “One Wire Current Source”
   per Converter
■ Internal Schottky Diodes
■ Open LED Protection (32V)
■ 2.3MHz Switching Frequency
■ ±5% Reference Accuracy
■ VIN Range: 2.5V to 10V
■ Dual Wide 250:1 True Color PWMTM Dimming
■ Requires Only 1µF Output Capacitor per Converter
■ Available in a 3mm × 2mm 10-Pin DFN Package

APPLICATIONS
■ Cellular Phones
■ PDAs, Handheld Computers
■ Digital Cameras
■ MP3 Players
■ GPS Receivers




Similar Part No. - LT3497

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3497 LINER-LT3497 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3497 LINER-LT3497 Datasheet
351Kb / 20P
Dual Full Function White LED Driver with Integrated Schottky Diodes
LT3497 LINER-LT3497_15 Datasheet
351Kb / 20P
Dual Full Function White LED Driver with Integrated Schottky Diodes
More results


Similar Description - LT3497

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466 LINER-LT3466 Datasheet
324Kb / 20P
Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
LED Driver with Integrated Schottky Diode
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3466 LINER-LT3466_15 Datasheet
496Kb / 20P
Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
White LED Driver with Integrated Schottky in SC70
LT3497 LINER-LT3497_15 Datasheet
351Kb / 20P
Dual Full Function White LED Driver with Integrated Schottky Diodes
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
White LED Driver with Integrated Schottky
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com