Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S268P Datasheet (PDF) - Vishay Siliconix

S268P Datasheet PDF - Vishay Siliconix
Part # S268P
Download  S268P Download
File Size   80.5 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode Array

S268P Datasheet (PDF)

Go To PDF Page Download Datasheet
S268P Datasheet PDF - Vishay Siliconix

Part # S268P
Download  S268P Click to download

File Size   80.5 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Photodiode Array

S268P Datasheet (HTML) - Vishay Siliconix


S268P Product details

Description

S268P is a silicon PIN photodiode array in a inline configuration. Three single photodiode chips with a common cathode are mounted in a waterclear 8 pin dual in line package. Each chip measures 3mm by 3mm and provides a radiant sensitive area of 7.5 mm2.



Features

• Three photodiodes with common cathode

• Fast response times

• Small junction capacitance

• High photo sensitivity

• Large radiant sensitive area (A = 3 x 7.5 mm2)

• Wide angle of half sensitivity ϕ = ± 65°

• Suitable for visible and near infrared radiation



Applications

• High speed and high sensitive PIN photodiode array for industrial applications, measuring and control



 




Similar Part No. - S268P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2684-254 HAMAMATSU-S2684-254 Datasheet
55Kb / 2P
Si photodiode Photodiode with interference filter for monochromatic light (254 nm) detection
More results


Similar Description - S268P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KOM2100B SIEMENS-KOM2100B Datasheet
238Kb / 4P
6fach-Silizium-PIN-Fotodiodenarray 6-Chip Silicon PIN Photodiode Array
logo
Hamamatsu Corporation
G7150 HAMAMATSU-G7150 Datasheet
80Kb / 2P
InGaAs PIN photodiode array
G8909 HAMAMATSU-G8909 Datasheet
111Kb / 3P
InGaAs PIN photodiode array
G8921-01 HAMAMATSU-G8921-01 Datasheet
115Kb / 2P
GaAs PIN photodiode array
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
logo
Hamamatsu Corporation
G67150 HAMAMATSU-G67150 Datasheet
108Kb / 2P
InGaAs PIN photodiode array
G8909-01 HAMAMATSU-G8909-01 Datasheet
119Kb / 3P
InGaAs PIN photodiode array
G8921-01 HAMAMATSU-G8921-01_04 Datasheet
124Kb / 2P
GaAs PIN photodiode array
logo
Vishay Siliconix
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
logo
Hamamatsu Corporation
G8909-01 HAMAMATSU-G8909-01_15 Datasheet
526Kb / 3P
InGaAs PIN photodiode array
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com