Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S350P Datasheet (PDF) - Vishay Siliconix

S350P Datasheet PDF - Vishay Siliconix
Part # S350P
Download  S350P Download
File Size   75.78 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor

S350P Datasheet (PDF)

Go To PDF Page Download Datasheet
S350P Datasheet PDF - Vishay Siliconix

Part # S350P
Download  S350P Click to download

File Size   75.78 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor

S350P Datasheet (HTML) - Vishay Siliconix


S350P Product details

Description

S350P is a high sensitive silicon NPN epitaxial planar phototransistor in a miniature plastic case with flat window.

With a lead center–to–center spacing of 2.54mm and a package width of 2.4mm the devices are easily stackable on PC boards and assembled to arrays of unlimited size.

The epoxy package itself is an IR filter, spectrally matched to GaAs IR emitters with λp > 850nm.



Features

• High radiant sensitivity

• Miniature T–¾ flat plastic package with IR filter

• Very wide angle of half sensitivity ϕ = ± 40°

• Suitable for near infrared radiation

• Suitable for 0.1” (2.54 mm) center–to–center spacing



Applications

  Detector in electronic control and drive circuits



 




Similar Part No. - S350P

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
S350 NPM-S350 Datasheet
878Kb / 5P
Linear Shaft Motor
logo
Intel Corporation
S3500 INTEL-S3500 Datasheet
540Kb / 34P
Intel짰 Solid-State Drive DC S3500 Series
January 2015
logo
HuaXinAn Electronics CO...
S3500EA HUAXINAN-S3500EA Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
S3500EB HUAXINAN-S3500EB Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
S3500EC HUAXINAN-S3500EC Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
More results


Similar Description - S350P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com