Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S391D Datasheet (PDF) - Vishay Siliconix

S391D Datasheet PDF - Vishay Siliconix
Part # S391D
Download  S391D Download
File Size   45.65 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Diode

S391D Datasheet (PDF)

Go To PDF Page Download Datasheet
S391D Datasheet PDF - Vishay Siliconix

Part # S391D
Download  S391D Click to download

File Size   45.65 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon PIN Diode

S391D Datasheet (HTML) - Vishay Siliconix


S391D Product details

FEATURES
• Wide frequency range 10 MHz to 1 GHz
• AEC-Q101 qualified
• Material categorization:
For definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Current controlled HF resistance in adjustable attenuators

MECHANICAL DATA
Case: MiniMELF SOD-80
Weight: approx. 31 mg
Cathode band color: black
Packaging codes/options:
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box




Similar Part No. - S391D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
107Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Jul-10
S391D-GS08 VISHAY-S391D-GS08 Datasheet
78Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Mar-06
S391D-GS08 VISHAY-S391D-GS08 Datasheet
107Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Jul-10
S391D VISHAY-S391D_06 Datasheet
78Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Mar-06
S391D VISHAY-S391D_10 Datasheet
107Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Jul-10
More results


Similar Description - S391D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com