Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505 Datasheet (PDF) - Vishay Siliconix

S505 Datasheet PDF - Vishay Siliconix
Part # S505
Download  S505 Download
File Size   99.48 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage

S505 Datasheet (PDF)

Go To PDF Page Download Datasheet
S505 Datasheet PDF - Vishay Siliconix

Part # S505
Download  S505 Click to download

File Size   99.48 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage

S505 Datasheet (HTML) - Vishay Siliconix


S505 Product details

Features

• Easy Gate 1 switch-off with PNP switching transistors inside PLL

• High AGC-range with less steep slope

• Integrated gate protection diodes

• Low noise figure

• High gain

• Improved cross modulation at gain reduction

• SMD package



Applications

  Low noise gain controlled input stages in UHF-and VHF- tuner with 5 V supply voltage.



 




Similar Part No. - S505

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
logo
Cooper Bussmann, Inc.
S505-1-R COOPER-S505-1-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
S505-1-R EATON-S505-1-R Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
logo
Cooper Bussmann, Inc.
S505-1.25-R COOPER-S505-1.25-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
S505-1.25-R EATON-S505-1.25-R Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
More results


Similar Description - S505

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S503T VISHAY-S503T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S504T VISHAY-S504T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S593T VISHAY-S593T Datasheet
156Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S594T VISHAY-S594T Datasheet
155Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S595T VISHAY-S595T Datasheet
203Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
02-May-05
S503TX VISHAY-S503TX Datasheet
149Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
30-Aug-04
S506TY VISHAY-S506TY Datasheet
115Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
21-Oct-02
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
29-Apr-05
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
08-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com