Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S858TA3 Datasheet (PDF) - Vishay Siliconix

S858TA3 Datasheet PDF - Vishay Siliconix
Part # S858TA3
Download  S858TA3 Download
File Size   85.45 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description BIPMIC - Cascadable Silicon Bipolar Amplifier

S858TA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
S858TA3 Datasheet PDF - Vishay Siliconix

Part # S858TA3
Download  S858TA3 Click to download

File Size   85.45 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description BIPMIC - Cascadable Silicon Bipolar Amplifier

S858TA3 Datasheet (HTML) - Vishay Siliconix


S858TA3 Product details

Features

• Broadband amplification

• Low operating voltage (6 V)

• 50 Ω cascadable gain block

• High gain (17.5 dB @900 MHz)

• Low noise figure (3.3 db @900 Mhz)

• Low cost surface mount plastic package

• Few external components



Applications

  General purpose 50 Ω gain block for narrow and broadband IF and RF amplifiers in commercial and industrial applications. The 50 Ω level allows directly to cascade this amplifier with minimal external circuitry, thus providing a simple, cost effective way to achieve low level amplification.



 




Similar Part No. - S858TA3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S858TA1 VISHAY-S858TA1 Datasheet
83Kb / 3P
BIPMIC - Cascadable Silicon Bipolar Amplifier
20-Jan-99
More results


Similar Description - S858TA3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S858TA1 VISHAY-S858TA1 Datasheet
83Kb / 3P
BIPMIC - Cascadable Silicon Bipolar Amplifier
20-Jan-99
S860T VISHAY-S860T Datasheet
67Kb / 5P
BIPMIC - Cascadable Silicon Bipolar Amplifier
20-Jan-99
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
Vishay Siliconix
S868T VISHAY-S868T Datasheet
82Kb / 3P
BIPMIC - Cascadable Silicon Bipolar Amplifier
20-Jan-99
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com