Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCVT1300 Datasheet (PDF) - Vishay Siliconix

TCVT1300 Datasheet PDF - Vishay Siliconix
Part # TCVT1300
Download  TCVT1300 Download
File Size   55.93 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Channel Transmissive Optical Sensor with Phototransistor Output

TCVT1300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCVT1300 Datasheet PDF - Vishay Siliconix

Part # TCVT1300
Download  TCVT1300 Click to download

File Size   55.93 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Channel Transmissive Optical Sensor with Phototransistor Output

TCVT1300 Datasheet (HTML) - Vishay Siliconix


TCVT1300 Product details

DESCRIPTION
The TCST1103, TCST1202, and TCST1300 are transmissive sensors that include an infrared emitter and
phototransistor, located face-to-face on the optical axes in a leaded package which blocks visible light. These part numbers include options for aperture width.

FEATURES
• Package type: leaded
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 11.9 x 6.3 x 10.8
• Gap (in mm): 3.1
• Typical output current under test: IC= 4 mA (TCST1103)
• Typical output current under test: IC= 2 mA (TCST1202)
• Typical output current under test: IC= 0.5 mA (TCST1300)
• Daylight blocking filter
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC

APPLICATIONS
• Optical switch
• Photo interrupter
• Counter
• Encoder




Similar Part No. - TCVT1300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCV155 ETC-TCV155 Datasheet
110Kb / 1P
Mounting Cable Tie
V1.0 19/11/12
TCV205 ETC-TCV205 Datasheet
110Kb / 1P
Mounting Cable Tie
V1.0 19/11/12
logo
Toshiba Semiconductor
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
Buck DC-DC Converter IC
TCV7103AF TOSHIBA-TCV7103AF Datasheet
493Kb / 17P
Buck DC-DC Converter IC
More results


Similar Description - TCVT1300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST5123 VISHAY-TCST5123 Datasheet
76Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
06-Nov-06
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1103 VISHAY-TCST1103 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com