Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCYS5201 Datasheet (PDF) - Vishay Siliconix

TCYS5201 Datasheet PDF - Vishay Siliconix
Part # TCYS5201
Download  TCYS5201 Download
File Size   49.1 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Transmissive Optical Sensor with Schmitt Trigger Logic Output

TCYS5201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCYS5201 Datasheet PDF - Vishay Siliconix

Part # TCYS5201
Download  TCYS5201 Click to download

File Size   49.1 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Transmissive Optical Sensor with Schmitt Trigger Logic Output

TCYS5201 Datasheet (HTML) - Vishay Siliconix


TCYS5201 Product details

Description
The TCYS5201 is a transmissive sensor that includes an infrared emitter and a Photo Schmitt-Trigger with digital output interface, located face-to-face on the optical axes. The package blocks visible light and includes mounting clips and a three pin connector.

Features
• Package type:
   connector, 3 pin Molex 5267-NA series
   order number: 22-03-5035
• Detector type: Photo Schmitt-Trigger
• Dimensions:
   L 19.8 mm x W 9.9 mm x H 18 mm
• Gap: 5 mm
• Aperture: 0.5 mm
• Typical output current under test: IC = 16 mA
• Output voltage level is LOW, if IR beam is not
   interrupted
• Output device TTL compliant, open collector
• Daylight blocking filter
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Lead (Pb)-free component in accordance with
   RoHS 2002/95/EC and WEEE 2002/96/EC
• Minimum order quantity: 400 pcs, 400 pcs/bulk

Applications
• Detection of opaque materials, documents etc.
• Paper position sensor in copy machines
• Position sensor for shaft encoders




Similar Part No. - TCYS5201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCYS6201 VISHAY-TCYS6201 Datasheet
48Kb / 5P
Transmissive Optical Sensor with Schmitt Trigger Logic Output
08-Jun-99
More results


Similar Description - TCYS5201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCYS6201 VISHAY-TCYS6201 Datasheet
48Kb / 5P
Transmissive Optical Sensor with Schmitt Trigger Logic Output
08-Jun-99
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
06-Nov-06
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1103 VISHAY-TCST1103 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com