Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER108 Datasheet (PDF) - Mospec Semiconductor

HER108 Datasheet PDF - Mospec Semiconductor
Part # HER108
Download  HER108 Download
File Size   129.48 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)

HER108 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER108 Datasheet PDF - Mospec Semiconductor

Part # HER108
Download  HER108 Click to download

File Size   129.48 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)

HER108 Datasheet (HTML) - Mospec Semiconductor


HER108 Product details

Switchmode Power Rectifiers

. . . Designed for use in switching power supplies. These state-of-the-art devices have the fllowing features:

* High Surge Capacity
* Low Power Loss, High efficiency.
* Glass Passivated chip junctions
* 150°C Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Low Forward Voltage, High Current Capability
* High-Switching Speed 100 Nanosecond Recovery Time
* Plastic Material used Carries Underwriters Laboratory
   Flammability Classification 94V-O




Similar Part No. - HER108

ManufacturerPart #DatasheetDescription
logo
Surge Components
HER108 SURGE-HER108 Datasheet
129Kb / 2P
1.0 AMP. High Efficient Rectifiers?
logo
Won-Top Electronics
HER108 WTE-HER108 Datasheet
47Kb / 3P
1.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER108 ZOWIE-HER108 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
HER108 RECTRON-HER108 Datasheet
29Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Bytes
HER108 BYTES-HER108 Datasheet
154Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Similar Description - HER108

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER306 MOSPEC-HER306 Datasheet
126Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
HER506 MOSPEC-HER506 Datasheet
123Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
HS16 MOSPEC-HS16 Datasheet
134Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
MH16 MOSPEC-MH16 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
MH36 MOSPEC-MH36 Datasheet
134Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
MH56 MOSPEC-MH56 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
MU17 MOSPEC-MU17 Datasheet
144Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
SF17 MOSPEC-SF17 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
1H8 LRC-1H8 Datasheet
257Kb / 7P
High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com