Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4173 Datasheet (PDF) - TEMIC Semiconductors

TDA4173 Datasheet PDF - TEMIC Semiconductors
Part # TDA4173
Download  TDA4173 Download
File Size   71.73 Kbytes
Page   6 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description TV Vertical Deflection Output Amplifier

TDA4173 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA4173 Datasheet PDF - TEMIC Semiconductors

Part # TDA4173
Download  TDA4173 Click to download

File Size   71.73 Kbytes
Page   6 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description TV Vertical Deflection Output Amplifier

TDA4173 Datasheet (HTML) - TEMIC Semiconductors


TDA4173 Product details

Features

• Output peak current, I5 = 2.5 A

• Flyback current, peak to peak, I3 = 4 A

• Thermal protection, Tj ≥ 140°C



 




Similar Part No. - TDA4173

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA4190 STMICROELECTRONICS-TDA4190 Datasheet
537Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
TDA4190A STMICROELECTRONICS-TDA4190A Datasheet
537Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
More results


Similar Description - TDA4173

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2270 STMICROELECTRONICS-TDA2270 Datasheet
134Kb / 7P
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
Sep-1992
logo
TEMIC Semiconductors
TEA8172 TEMIC-TEA8172 Datasheet
63Kb / 4P
TV Vertical Deflection Output Amplifier
logo
Samsung semiconductor
KSB546 SAMSUNG-KSB546 Datasheet
267Kb / 8P
PNP (TV VERTICAL DEFLECTION OUTPUT)
KSC2073 SAMSUNG-KSC2073 Datasheet
265Kb / 7P
NPN (TV VERTICAL DEFLECTION OUTPUT)
logo
Fairchild Semiconductor
KSB546 FAIRCHILD-KSB546 Datasheet
59Kb / 4P
TV Vertical Deflection Output
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
TV Vertical Deflection Output
KSD401 FAIRCHILD-KSD401 Datasheet
59Kb / 4P
TV Vertical Deflection Output
logo
List of Unclassifed Man...
2SB689 ETC-2SB689 Datasheet
34Kb / 1P
LOW FREQUENCY POWER AMPLIFIER TV VERTICAL DEFLECTION OUTPUT
logo
Fairchild Semiconductor
KSD401Y FAIRCHILD-KSD401Y Datasheet
76Kb / 4P
TV Vertical Deflection Output
KSD401YTU FAIRCHILD-KSD401YTU Datasheet
76Kb / 4P
TV Vertical Deflection Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com