Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1200 Datasheet (PDF) - Emerson Network Power

DS1200 Datasheet PDF - Emerson Network Power
Part # DS1200
Download  DS1200 Download
File Size   644.16 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description Distributed Power System

DS1200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1200 Datasheet PDF - Emerson Network Power

Part # DS1200
Download  DS1200 Click to download

File Size   644.16 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description Distributed Power System

DS1200 Datasheet (HTML) - Emerson Network Power


DS1200 Product details

Special Features
• Active power factor correction
• EN61000-3-2 harmonic compliance
• Active AC inrush control
• 1U X 2U form factor
• 21.71 W / in3
• +12 Vdc Output
• +3.3 Vdc stand-by (5 V standby - consult factory)
• No minimum load required
• Hot plug operation
• N + 1 redundant
• Internal OR’ing fets
• Active current sharing (10 - 100% load)
• Built-in cooling fan (40 mm x 28 mm)
• I2C communication interface bus
• PMBus compliant
• EERPOM for FRU data
• Red/green bi-color LED status
• Internal fan speed control
• Fan Fail Tach Output Signal
• INTEL, SSI Std. logic timing
• INTEL, SSI Std. FRU data format
• Full digital control
• One year warranty




Similar Part No. - DS1200

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1200 DALLAS-DS1200 Datasheet
228Kb / 7P
Serial RAM Chip
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
logo
Maxim Integrated Produc...
DS1200 MAXIM-DS1200 Datasheet
233Kb / 7P
Serial RAM Chip
092702
logo
Advanced Energy Industr...
DS1200 ADVANCEDENERGY-DS1200 Datasheet
998Kb / 7P
1200 Watts Distributed Power System
02 4.16
logo
Emerson Network Power
DS1200-3 EMERSON-NETWORKPOWER-DS1200-3 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
More results


Similar Description - DS1200

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
525Kb / 4P
Distributed Power System
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
DS1500-3 EMERSON-NETWORKPOWER-DS1500-3 Datasheet
274Kb / 4P
Distributed Power System
DS450-3 EMERSON-NETWORKPOWER-DS450-3_09 Datasheet
372Kb / 4P
Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
DS550HE-3-002 ARTESYN-DS550HE-3-002 Datasheet
320Kb / 4P
Distributed Power System
DS1200HE-3-002 ARTESYN-DS1200HE-3-002 Datasheet
211Kb / 9P
Distributed Power System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com