Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1410 Datasheet (PDF) - Inchange Semiconductor Company Limited

D1410 Datasheet PDF - Inchange Semiconductor Company Limited
Part # D1410
Download  D1410 Download
File Size   147.75 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

D1410 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1410 Datasheet PDF - Inchange Semiconductor Company Limited

Part # D1410
Download  D1410 Click to download

File Size   147.75 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

D1410 Datasheet (HTML) - Inchange Semiconductor Company Limited


D1410 Product details

DESCRIPTION
• Collector-Emitter Sustaining Voltage- : VCEO(SUS)= 250V(Min)
• Collector-Emitter Saturation Voltage- :V CE(sat)= 2.0V(Max) @IC= 4A
• High DC Current Gain : hFE= 2000(Min) @ IC= 2A, VCE= 2V

APPLICATIONS
• Igniter applications
• High voltage switching applications




Similar Part No. - D1410

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
D1413 ISC-D1413 Datasheet
68Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
D1414 SAVANTIC-D1414 Datasheet
130Kb / 3P
Silicon NPN Power Transistors
logo
Tyco Electronics
D14148-000 MACOM-D14148-000 Datasheet
101Kb / 2P
PolySwitch짰 PTC Devices
logo
Savantic, Inc.
D1415 SAVANTIC-D1415 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
logo
Toshiba Semiconductor
D1415A TOSHIBA-D1415A Datasheet
183Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
More results


Similar Description - D1410

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com