Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA-099 Datasheet (PDF) - Bedford Opto Technology Ltd.

SSA-099 Datasheet PDF - Bedford Opto Technology Ltd.
Part # SSA-099
Download  SSA-099 Download
File Size   34.68 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 5mm LED ASSEMBLY 3 WAY

SSA-099 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSA-099 Datasheet PDF - Bedford Opto Technology Ltd.

Part # SSA-099
Download  SSA-099 Click to download

File Size   34.68 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 5mm LED ASSEMBLY 3 WAY

SSA-099 Datasheet (HTML) - Bedford Opto Technology Ltd.


SSA-099 Product details

5mm LED ASSEMBLY 3 WAY

SSA-099 is a three element arrays of 5mm LEDs mounted at 10.16mm pitch. Leads are bent at right angles and cropped. The housing is black Nylon 6 V0 rated.

• LEDs of each colour are matched for brightness and hue-within arrays and array to array.
• Colour combination and polarity to customer’s choice.
• Cropped leads 3.5mm standard, other lengths available.
• Regular 10.16mm pitch for tidy front panel presentation.
• Labour saving on assembly.




Similar Part No. - SSA-099

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
3mm LED Linear Array
More results


Similar Description - SSA-099

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5330H1 CML-5330H1 Datasheet
24Kb / 1P
Variable Height LED T-1 3/4 (5mm) Lamp Assembly
logo
Bedford Opto Technology...
SSA019 BOT-SSA019 Datasheet
36Kb / 2P
8 WAY 5mm LED ASSEMBLY
SSA021 BOT-SSA021 Datasheet
33Kb / 2P
7 WAY 5mm LED ARRAY RIGHT ANGLE MOUNT
SA210 BOT-SA210 Datasheet
42Kb / 2P
5mm LED Assembly Single Way to 4 Way
logo
P-tec Corporation
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
35Kb / 1P
5MM (T1 3/4) LED
PL15-CDR12 P-TEC-PL15-CDR12 Datasheet
30Kb / 1P
5MM (T1 3/4) LED
PL15-CDR21 P-TEC-PL15-CDR21 Datasheet
30Kb / 1P
5MM (T1 3/4) LED
PL16D-WCA06 P-TEC-PL16D-WCA06 Datasheet
73Kb / 1P
5MM T1 3/4 LED
PL16D-WCR23 P-TEC-PL16D-WCR23 Datasheet
73Kb / 1P
5MM (T1 3/4) LED
logo
Visual Communications C...
5330H VCC-5330H Datasheet
108Kb / 1P
Variable Height LED T-1 3/4 (5mm) Lamp Assembly
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com