Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXA66 Datasheet (PDF) - Emerson Network Power

NXA66 Datasheet PDF - Emerson Network Power
Part # NXA66
Download  NXA66 Download
File Size   653.37 Kbytes
Page   2 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 66 W Non-isolated DC-DC Converters

NXA66 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXA66 Datasheet PDF - Emerson Network Power

Part # NXA66
Download  NXA66 Click to download

File Size   653.37 Kbytes
Page   2 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 66 W Non-isolated DC-DC Converters

NXA66 Datasheet (HTML) - Emerson Network Power


NXA66 Product details

The NXA66 non-isolated dc-dc converter is targeted at computing applications that require point of load power conversion. The NXA66 is designed to meet the precise voltage and fast transient requirements of today’s high performance applications such as workstations, file servers, desktop computers, telecommunications equipment, adapter cards, DSP and data processing. Employing synchronous rectification and democratic current sharing, the NXA66 can be used in a stand-alone configuration, or paralleled as a building block to achieve higher output currents or redundancy. The current sharing specifications are met during static conditions, and transient conditions. The advanced democratic current sharing technique employed by the NXA66 removes the need for cumbersome master/slave combinations. The NXA66 uses gold plated edge tab fingers for a convenient, low impedance interconnect scheme. This also allows system designers to easily accommodate future expansion in their systems.

• Transient response from 0 A to rated full load
   (up to 30 A/µs), recovery within 250 µs
• Democratic current sharing, no need for master/slave configuration
• Programmable output voltage
• Remote enable pin
• Power good signal
• True double ended differential remote sense
• Available RoHS compliant




Similar Part No. - NXA66

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NXA66 ARTESYN-NXA66 Datasheet
167Kb / 2P
66W Non-isolated DC/DC Converters
NXA66-12P3V3C ARTESYN-NXA66-12P3V3C Datasheet
167Kb / 2P
66W Non-isolated DC/DC Converters
More results


Similar Description - NXA66

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com