Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA-1526Z Datasheet (PDF) - RF Micro Devices

SPA-1526Z Datasheet PDF - RF Micro Devices
Part # SPA-1526Z
Download  SPA-1526Z Download
File Size   374.42 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER

SPA-1526Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SPA-1526Z Datasheet PDF - RF Micro Devices

Part # SPA-1526Z
Download  SPA-1526Z Click to download

File Size   374.42 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER

SPA-1526Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - SPA-1526Z

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SPA-155 SOVICO-SPA-155 Datasheet
3Mb / 2P
DIGITAL POWER AMPLIFIER
More results


Similar Description - SPA-1526Z

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P02221B2P EUDYNA-P02221B2P Datasheet
288Kb / 6P
500mW InGaP HBT Amplifier
logo
SIRENZA MICRODEVICES
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
InGaP HBT Amplifier 50MHz to 850MHz
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
InGaP HBT Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com