Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD2N60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD2N60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD2N60
Download  AOD2N60 Download
File Size   148.19 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 2A, 600V N-Channel MOSFET

AOD2N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD2N60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD2N60
Download  AOD2N60 Click to download

File Size   148.19 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 2A, 600V N-Channel MOSFET

AOD2N60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD2N60 Product details

General Description

The AOD2N60 & AOU2N60 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications. By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply

designs.



VDS                               700V@150℃

ID (at VGS=10V)               2A

RDS(ON) (at VGS=10V)     < 4.4Ω




Similar Part No. - AOD2N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2N60 AOSMD-AOD2N60 Datasheet
332Kb / 6P
600V, 2A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD2N60 ISC-AOD2N60 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD2N60A AOSMD-AOD2N60A Datasheet
2Mb / 6P
600V,2A N-Channel MOSFET
AOD2N60A AOSMD-AOD2N60A Datasheet
434Kb / 6P
600V,2A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOD2N60A VBSEMI-AOD2N60A Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - AOD2N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60 Datasheet
148Kb / 6P
600V, 2A N-Channel MOSFET
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD2N60 AOSMD-AOD2N60_10 Datasheet
332Kb / 6P
600V, 2A N-Channel MOSFET
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
600V,2A N-Channel MOSFET
AOD2N60A AOSMD-AOD2N60A Datasheet
2Mb / 6P
600V,2A N-Channel MOSFET
AOI2N60 AOSMD-AOI2N60 Datasheet
114Kb / 5P
600V, 2A N-Channel MOSFET
AOD2C60 AOSMD-AOD2C60 Datasheet
254Kb / 6P
600V,2A N-Channel MOSFET
AOY2N60 AOSMD-AOY2N60 Datasheet
400Kb / 6P
600V,2A N-Channel MOSFET
AOU2N60A AOSMD-AOU2N60A Datasheet
434Kb / 6P
600V,2A N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com