Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30E Datasheet (PDF) - Emerson Network Power

SIL30E Datasheet PDF - Emerson Network Power
Part # SIL30E
Download  SIL30E Download
File Size   192.28 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS Non-isolated POL Converter

SIL30E Datasheet (PDF)

Go To PDF Page Download Datasheet
SIL30E Datasheet PDF - Emerson Network Power

Part # SIL30E
Download  SIL30E Click to download

File Size   192.28 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS Non-isolated POL Converter

SIL30E Datasheet (HTML) - Emerson Network Power


SIL30E Product details

Special Features
•  30 A current rating
•  Input voltage range: 8 Vdc to 14 Vdc
•  Output voltage range: 0.8 Vdc to 3.63 Vdc
•  Ultra high effciency: 93% @
  12 Vin and 3.3 Vout
•  Extremely low internal power dissipation
•  Minimal thermal design concerns
•  Designed in reliability:  MTBF of 9,200,000 hours per Telcordia SR-332
•  Ideal solution where board space is at a premium or tighter card pitch is required
•  Available RoHS compliant
•  2 Year Warranty




Similar Part No. - SIL30E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Advanced Energy Industr...
SIL30E ADVANCEDENERGY-SIL30E Datasheet
386Kb / 7P
E-Class Non-Isolated
logo
Artesyn Technologies
SIL30E-12W3V3-VJ ARTESYN-SIL30E-12W3V3-VJ Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SIL30E-12W3V3-VJ ARTESYN-SIL30E-12W3V3-VJ_15 Datasheet
560Kb / 4P
E-Class Non-Isolated
More results


Similar Description - SIL30E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
Bel Fuse Inc.
STM48 BEL-STM48 Datasheet
1Mb / 30P
48V-to-PoL isolated DC-DC converters
logo
Bellnix Co.,Ltd.
BSU12-3.3S1R0 BELLNIX-BSU12-3.3S1R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSV BELLNIX-BSV Datasheet
585Kb / 12P
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-H BELLNIX-BSV-H Datasheet
553Kb / 14P
High-Speed Response Non-Isolated POL DC-DC Converter
BSV-M BELLNIX-BSV-M Datasheet
678Kb / 13P
High-Speed Response Non-Isolated POL DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com