Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT05E Datasheet (PDF) - Emerson Network Power

SMT05E Datasheet PDF - Emerson Network Power
Part # SMT05E
Download  SMT05E Download
File Size   237.95 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description non-isolated dc-dc converters

SMT05E Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT05E Datasheet PDF - Emerson Network Power

Part # SMT05E
Download  SMT05E Click to download

File Size   237.95 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description non-isolated dc-dc converters

SMT05E Datasheet (HTML) - Emerson Network Power


SMT05E Product details

The SMT05E series are non-isolated dc-dc converters packaged in a surface-mount footprint giving designers a cost effective solution for conversion from a 12 V source. The SMT05E has a wide input range (10 Vdc to 14 Vdc) and offers a wide 0.8 Vdc to 3.63 Vdc output voltage range with a 5A load, which allows for maximum design flexibility and a pathway for future upgrades.
The SMT05E is designed for applications that include distributed power, workstations, optical network and wireless applications.

Special Features
• 5 A Current rating
• Input voltage range: 10 Vdc to 14 Vdc
• Output voltage range: 0.8 Vdc to 3.63 Vdc
• Ultra high efficiency: 91% @ 12 Vin and 3.3 Vout
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Designed in reliability: MTBF of 6,920,000 hours per Telcordia SR-332
• Ideal solution where board space is at a premium or tighter card pitch is required
• Industry standard surface-mount footprint
• Available RoHS compliant
• 2 year warranty




Similar Part No. - SMT05E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
logo
Advanced Energy Industr...
SMT05E ADVANCEDENERGY-SMT05E Datasheet
342Kb / 5P
12 V Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SMT05E-05S1V5J ARTESYN-SMT05E-05S1V5J Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-05W3V3J ARTESYN-SMT05E-05W3V3J Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
More results


Similar Description - SMT05E

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-03L1A0 BEL-XRAH-03L1A0 Datasheet
184Kb / 7P
NON-ISOLATED DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com