Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT12F-05W3V3J Datasheet (PDF) - Emerson Network Power

SMT12F-05W3V3J Datasheet PDF - Emerson Network Power
Part # SMT12F-05W3V3J
Download  SMT12F-05W3V3J Download
File Size   438.38 Kbytes
Page   5 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description new range of ultra-compact non-isolated point-of-load converters

SMT12F-05W3V3J Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT12F-05W3V3J Datasheet PDF - Emerson Network Power

Part # SMT12F-05W3V3J
Download  SMT12F-05W3V3J Click to download

File Size   438.38 Kbytes
Page   5 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description new range of ultra-compact non-isolated point-of-load converters

SMT12F-05W3V3J Datasheet (HTML) - Emerson Network Power


SMT12F-05W3V3J Product details

The SMT12F series is a new range of ultra-compact non-isolated point-of-load converters for space-critical applications. The new SMT12F Typhoon™ family surface-mount converter has a footprint of just 13.5 x 16 mm - and unlike competitive products on the market, requires only the addition of a small number of ceramic output capacitors to realise a complete high-performance point-of-load (POL) solution. The SMT12F is primarily intended for use on very densely packed, high functionality boards and for powering advanced silicon including network and communication processors, DSPs, FPGAs and ASICs. A key advantage of the SMT12F is that it only needs the addition of five 22 μF ceramic output capacitors to provide a complete full-specification, high efficiency POL solution with transient response capabilities that extend up to 300 A/μs. The total board space required for the module and capacitors is a mere 300 mm2, facilitating easy co-location with the load.

Special Features
• Designed to meet ultra fast transient requirements up to 300 A/μs step load transients
• 12 A current rating
• Input voltage range: 2.97 Vdc to 5.5 Vdc
• Output voltage range: 0.9 Vdc to 3.3 Vdc
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Ideal solution where board space is at a premium or tighter card pitch is required
• Available RoHS compliant
• 2 year warranty




Similar Part No. - SMT12F-05W3V3J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT12F-05W3V3J ARTESYN-SMT12F-05W3V3J Datasheet
285Kb / 4P
DC-DC CONVERTERS F Class Non-isolated
SMT12F-05W3V3J ARTESYN-SMT12F-05W3V3J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
More results


Similar Description - SMT12F-05W3V3J

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS06-12T P-DUKE-DOS06-12T Datasheet
222Kb / 3P
Non-isolated Point of load DC/DC converters
DOS10-05T P-DUKE-DOS10-05T Datasheet
219Kb / 3P
Non-isolated Point of load DC/DC converters
DOS10-12T P-DUKE-DOS10-12T Datasheet
220Kb / 3P
Non-isolated Point of load DC/DC converters
DOS16-05T P-DUKE-DOS16-05T Datasheet
220Kb / 3P
Non-isolated Point of load DC/DC converters
DOS16-12T P-DUKE-DOS16-12T Datasheet
236Kb / 3P
Non-isolated Point of load DC/DC converters
DOS30-05T P-DUKE-DOS30-05T Datasheet
250Kb / 3P
Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-05T RSG-DOS06-05T Datasheet
205Kb / 3P
Non-isolated Point of load DC/DC converters
DOS06-12T RSG-DOS06-12T Datasheet
203Kb / 3P
Non-isolated Point of load DC/DC converters
DOS10-05T RSG-DOS10-05T Datasheet
208Kb / 3P
Non-isolated Point of load DC/DC converters
DOS16-05T RSG-DOS16-05T Datasheet
208Kb / 3P
Non-isolated Point of load DC/DC converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com