Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6416 Datasheet (PDF) - Linear Technology

LTC6416 Datasheet PDF - Linear Technology
Part # LTC6416
Download  LTC6416 Download
File Size   385.52 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 2 GHz Low Noise Differential 16-Bit ADC Buffer

LTC6416 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6416 Datasheet PDF - Linear Technology

Part # LTC6416
Download  LTC6416 Click to download

File Size   385.52 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 2 GHz Low Noise Differential 16-Bit ADC Buffer

LTC6416 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC6416

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6416 LINER-LTC6416 Datasheet
439Kb / 24P
10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC6416 LINER-LTC6416 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC6416 LINER-LTC6416 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6416 LINER-LTC6416 Datasheet
635Kb / 16P
50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
logo
Analog Devices
LTC6416 AD-LTC6416 Datasheet
391Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
More results


Similar Description - LTC6416

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
16-Bit, 105Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC6417 LINER-LTC6417 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
16-Bit, 105Msps Low Noise ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
16-Bit, 20Msps Low Noise ADC
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
HMC6832 AD-HMC6832 Datasheet
924Kb / 23P
Low Noise, 2:8 Differential Fanout Buffer
1/2018-Rev. B to Rev. C
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com