Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6420-20 Datasheet (PDF) - Linear Technology

LTC6420-20 Datasheet PDF - Linear Technology
Part # LTC6420-20
Download  LTC6420-20 Download
File Size   213.11 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Matched 1.8GHz Differential Amplifi ers/ADC Drivers

LTC6420-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6420-20 Datasheet PDF - Linear Technology

Part # LTC6420-20
Download  LTC6420-20 Click to download

File Size   213.11 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Matched 1.8GHz Differential Amplifi ers/ADC Drivers

LTC6420-20 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC6420-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6420-20 LINER-LTC6420-20 Datasheet
3Mb / 28P
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC6420-20 LINER-LTC6420-20 Datasheet
455Kb / 36P
14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC6420-20 LINER-LTC6420-20 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
LTC6420-20 LINER-LTC6420-20 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC6420-20 LINER-LTC6420-20 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
More results


Similar Description - LTC6420-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LTC6421-20 LINER-LTC6421-20 Datasheet
264Kb / 16P
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
MRV Communications, Inc...
EM316EDFA-BR MRV-EM316EDFA-BR Datasheet
618Kb / 3P
Optical Amplifi ers
logo
Linear Integrated Syste...
LTC6421CUDC-20 LINEAR-LTC6421CUDC-20 Datasheet
229Kb / 16P
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
Linear Technology
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC6420-20 LINER-LTC6420-20_15 Datasheet
227Kb / 14P
Dual Matched 1.8GHz Differential Amplifi ers/ADC Drivers
LTC6421-20 LINER-LTC6421-20_15 Datasheet
251Kb / 16P
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
Hamamatsu Corporation
C5185 HAMAMATSU-C5185_15 Datasheet
174Kb / 5P
Amplifi ers for infrared detector
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com