Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO7417 Datasheet (PDF) - Alpha & Omega Semiconductors

AO7417 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO7417
Download  AO7417 Download
File Size   134.87 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor

AO7417 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO7417 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO7417
Download  AO7417 Click to download

File Size   134.87 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor

AO7417 Datasheet (HTML) - Alpha & Omega Semiconductors


AO7417 Product details

General Description
The AO7417/L uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.5V, in the small SOT363 footprint. This device is suitable for use in buck convertor.

AO7417 and AO7417L are electrically identical.
-RoHS Compliant
-AO7417L is Halogen Free

Features
    VDS (V) = -20V
    ID = -2 A (VGS = -4.5V)
    RDS(ON) < 80mΩ (VGS = -4.5V)
    RDS(ON) < 100mΩ (VGS = -2.5V)
    RDS(ON) < 125mΩ (VGS = -1.8V)
    RDS(ON) < 150mΩ (VGS = -1.5V)




Similar Part No. - AO7417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7417 AOSMD-AO7417 Datasheet
1Mb / 4P
20V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO7417 VBSEMI-AO7417 Datasheet
1,016Kb / 9P
P-Channel 20 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
20V P-Channel MOSFET
More results


Similar Description - AO7417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com