Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON6403L Datasheet (PDF) - Alpha & Omega Semiconductors

AON6403L Datasheet PDF - Alpha & Omega Semiconductors
Part # AON6403L
Download  AON6403L Download
File Size   240.23 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Power Transistor

AON6403L Datasheet (PDF)

Go To PDF Page Download Datasheet
AON6403L Datasheet PDF - Alpha & Omega Semiconductors

Part # AON6403L
Download  AON6403L Click to download

File Size   240.23 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Power Transistor

AON6403L Datasheet (HTML) - Alpha & Omega Semiconductors


AON6403L Product details

General Description
The AON6403L combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

- RoHS Compliant
- Halogen Free

Product Summary
   VDS -30V
   ID (at VGS= -10V) -85A
   RDS(ON) (at VGS= -10V) < 3.1mΩ
   RDS(ON) (at VGS = -4.5V) < 4.3mΩ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AON6403L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6403 AOSMD-AON6403 Datasheet
237Kb / 6P
30V P-Channel MOSFET
More results


Similar Description - AON6403L

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML9030220M SEME-LAB-SML9030220M Datasheet
20Kb / 2P
P-CHANNEL MOS TRANSISTOR
SML9030T254 SEME-LAB-SML9030T254 Datasheet
20Kb / 2P
P-CHANNEL MOS TRANSISTOR
logo
Inchange Semiconductor ...
IPD068P03L3 ISC-IPD068P03L3 Datasheet
340Kb / 2P
P-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF5305 ISC-IRF5305 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com