Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL855160 Datasheet (PDF) - celduc-relais

SIL855160 Datasheet PDF - celduc-relais
Part # SIL855160
Download  SIL855160 Download
File Size   274.14 Kbytes
Page   4 Pages
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais
Description AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.

SIL855160 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIL855160 Datasheet PDF - celduc-relais

Part # SIL855160
Download  SIL855160 Click to download

File Size   274.14 Kbytes
Page   4 Pages
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais
Description AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.

SIL855160 Datasheet (HTML) - celduc-relais


SIL855160 Product details

❏ Ready to use Single-Phase Relay: " Install it & Forget it!"

   12-480VAC 50A back to back thyristors on output - TMS2 technology - I2t value > 1500A2s.

❏ This zero cross model switch ON in case of overvoltage:

   Autoprotection voltage for AC-51 loads only.

❏ Large control range : 3 -32VDC with an input current < 10 mA on all the range. Green LED visualization on the input.

❏ IP20 housing

❏ Low leakage current (<1mA) and low zero cross voltage ( <10V)

❏ Mounting and dismounting on DIN rail without any tool or directly mountable on panel.

❏ Designed in conformity with EN60947-4-3 (IEC947-4-3) and EN60950-UL-cUL



 




Similar Part No. - SIL855160

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL80C2-00SADJ-HJ ARTESYN-SIL80C2-00SADJ-HJ Datasheet
1Mb / 6P
POWER C-Class Non-Isolated; 80 Amps
SIL80C2-00SADJ-VJ ARTESYN-SIL80C2-00SADJ-VJ Datasheet
1Mb / 6P
POWER C-Class Non-Isolated; 80 Amps
logo
celduc-relais
SIL842170 CELDUC-SIL842170 Datasheet
273Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL842970 CELDUC-SIL842970 Datasheet
272Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL863170 CELDUC-SIL863170 Datasheet
273Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
More results


Similar Description - SIL855160

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SIL765170 CELDUC-SIL765170 Datasheet
273Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL842170 CELDUC-SIL842170 Datasheet
273Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL842970 CELDUC-SIL842970 Datasheet
272Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL863170 CELDUC-SIL863170 Datasheet
273Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL865170 CELDUC-SIL865170 Datasheet
273Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL865770 CELDUC-SIL865770 Datasheet
273Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL865970 CELDUC-SIL865970 Datasheet
272Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL867170 CELDUC-SIL867170 Datasheet
123Kb / 4P
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SILD845160 CELDUC-SILD845160 Datasheet
316Kb / 5P
AC Semiconductor Contactor pitch 22,5mm with Diagnostic compact size and DIN rail mounting.
SILD865170 CELDUC-SILD865170 Datasheet
512Kb / 5P
AC Semiconductor Contactor pitch 22,5mm with Diagnostic compact size and DIN rail mounting.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com