Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-1000X Datasheet (PDF) - ECS, Inc.

ECS-1000X Datasheet PDF - ECS, Inc.
Part # ECS-1000X
Download  ECS-1000X Download
File Size   182.9 Kbytes
Page   1 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description CLOCK OSCILLATOR

ECS-1000X Datasheet (PDF)

Go To PDF Page Download Datasheet
ECS-1000X Datasheet PDF - ECS, Inc.

Part # ECS-1000X
Download  ECS-1000X Click to download

File Size   182.9 Kbytes
Page   1 Pages
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.
Description CLOCK OSCILLATOR

ECS-1000X Datasheet (HTML) - ECS, Inc.


ECS-1000X Product details

The ECS-1000X Series clock oscillator can drive both HCMOS and TTL logic. This oscillator also features tri-state enable/disable capabilities in a 14 pin DIP package.

FEATURES
• 50pF HCMOS/ TTL logic
• Tri-State enable/disable
• Wide frequency range
• Resistance weld package
• 3.3V operation (optional)
• PbFree/RoHS Compliant




Similar Part No. - ECS-1000X

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-1000 ECS-ECS-1000 Datasheet
188Kb / 1P
CLOCK OSCILLATOR
ECS-1000A ECS-ECS-1000A Datasheet
188Kb / 1P
CLOCK OSCILLATOR
ECS-1000B ECS-ECS-1000B Datasheet
188Kb / 1P
CLOCK OSCILLATOR
ECS-1000C ECS-ECS-1000C Datasheet
188Kb / 1P
CLOCK OSCILLATOR
More results


Similar Description - ECS-1000X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
CLOCK OSCILLATOR
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
Clock Oscillator
March, 2009 ??Rev. 2
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
Clock Oscillator
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
Clock oscillator
01/02/2017
More results




About ECS, Inc.


ECS, Inc. (Electronic Component Solutions) is a global electronic component manufacturer and supplier. The company offers a wide range of products, including crystals, oscillators, resonators, filters, and capacitors, to name a few. ECS, Inc. serves a variety of industries, including telecommunications, automotive, consumer electronics, and industrial applications.

The company was founded in 1980 and is headquartered in Olathe, Kansas, USA. ECS, Inc. has manufacturing facilities and sales offices located throughout the world, including the United States, China, Taiwan, and Singapore. With over 35 years of experience, ECS, Inc. has established itself as a leader in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com