Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT412 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT412 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT412
Download  AOT412 Download
File Size   315.6 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOSTM Power Transistor

AOT412 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT412 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT412
Download  AOT412 Click to download

File Size   315.6 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOSTM Power Transistor

AOT412 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT412 Product details

General Description
The AOT412 and AOT412L is fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge.The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.

- RoHS Compliant
- AOT412L is Halogen Free

Features
   VDS (V) =100V
   ID = 60A (VGS = 10V)
   RDS(ON) < 19.4mΩ (VGS = 10V)
   RDS(ON) < 15.8mΩ (VGS = 7V)

   100% UIS Tested!
   100% Rg Tested!




Similar Part No. - AOT412

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT412 ISC-AOT412 Datasheet
282Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT412

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD452A AOSMD-AOD452A Datasheet
289Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4136 AOSMD-AOD4136 Datasheet
156Kb / 6P
N-Channel SDMOSTM POWER Transistor
AOD4140 AOSMD-AOD4140 Datasheet
202Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4142 AOSMD-AOD4142 Datasheet
151Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4144 AOSMD-AOD4144 Datasheet
161Kb / 7P
N-Channel SDMOSTM Power Transistor
AOD472A AOSMD-AOD472A Datasheet
158Kb / 7P
N-Channel SDMOSTM POWER Transistor
logo
Infineon Technologies A...
IPP881N08NG INFINEON-IPP881N08NG Datasheet
226Kb / 6P
n-channel Power-Transistor
Rev. 2.1 2008-06-19
logo
Alpha & Omega Semicondu...
AOI452A AOSMD-AOI452A Datasheet
297Kb / 7P
N-Channel SDMOSTM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com