Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS3608 Datasheet (PDF) - ANADIGICS, Inc

APS3608 Datasheet PDF - ANADIGICS, Inc
Part # APS3608
Download  APS3608 Download
File Size   177.24 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Active Splitter for CATV Set-Top Boxes

APS3608 Datasheet (PDF)

Go To PDF Page Download Datasheet
APS3608 Datasheet PDF - ANADIGICS, Inc

Part # APS3608
Download  APS3608 Click to download

File Size   177.24 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Active Splitter for CATV Set-Top Boxes

APS3608 Datasheet (HTML) - ANADIGICS, Inc


APS3608 Product details

PRODUCT DESCRIPTION
This active splitter from ANADIGICS accepts a balanced RF input in the 50 MHz to 1.1 GHz frequency range and provides three balanced RF outputs with minimal degradation in signal quality. The single package surface mount device amplifies the input signals using highly linear, low noise amplification stages, and couples the amplified signal to three separate output paths to drive video tuner inputs.

FEATURES
• Single Input, Triple Output Design
    - Three Video Tuner Outputs
• Wideband Operation: To Above 1 GHz
• 5 dB Typical Noise Figure at 5 dB Gain
• Extended Dynamic Range AGC Control, Independent for each Tuner Path
• High Linearity, Low Distortion
• Single +5 V Supply
• Balanced 75 Ohm Inputs/Outputs
• RoHS Compliant/Lead Free

APPLICATIONS
• CATV Set-Top Boxes with Multiple Tuners




Similar Part No. - APS3608

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3604RS29P8 ANADIGICS-APS3604RS29P8 Datasheet
310Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3605 ANADIGICS-APS3605 Datasheet
357Kb / 12P
1 GHz Three-way Active Power Splitter
07/2008
More results


Similar Description - APS3608

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
MPEG-2 Decoder for Set-Top-Boxes
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
Active Splitter for CATV Set-Top Boxes
Rev 1.0
logo
SIRENZA MICRODEVICES
CGA-0116 SIRENZA-CGA-0116 Datasheet
167Kb / 8P
3-Output Active Splitter for CATV
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
logo
ANADIGICS, Inc
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
Active Splitter for Analog/Digital CATV Set-Top Boxes
Rev 0.4
logo
RFHIC
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
Multi Tuner Set-Top Boxes
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
Multi Tuner Set-Top Boxes
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com