Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARA2017 Datasheet (PDF) - ANADIGICS, Inc

ARA2017 Datasheet PDF - ANADIGICS, Inc
Part # ARA2017
Download  ARA2017 Download
File Size   531.72 Kbytes
Page   15 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Programmable Gain Amplifier

ARA2017 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARA2017 Datasheet PDF - ANADIGICS, Inc

Part # ARA2017
Download  ARA2017 Click to download

File Size   531.72 Kbytes
Page   15 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Programmable Gain Amplifier

ARA2017 Datasheet (HTML) - ANADIGICS, Inc


ARA2017 Product details

Description

The ARA2017 is a highly linear, high output power, programmable gain amplifier optimized for DOCSIS 3.0 cable modem and E-MTA applications. Using a low noise input amplification stage and an ultra linear output driver amplifier, the device generates extremely low distortion products at the high output power levels required by DOCSIS 3.0 signals. Its balanced circuit design provides superior harmonic performance and an integrated digitally-controlled, multiple-stage precision step attenuator enables system solutions to meet DOCSIS power step accuracy requirements.



FEATuRES

• High Linearity, High Output Power Integrated Amplifier with Programmable Gain Control

• Attenuation Range: 0-58 dB, Adjustable in 2 dB Increments via a 3-wire Serial Control

• 33 dB Gain (at Minimum Attenuation)

• Low Distortion Products at Output Power Levels up to +64 dBmV

• Low Noise Figure and Output Noise

• Frequency range: 5-85 MHz

• 5 V Operation

• Materials set consistent with RoHS Directives.

Surface Mount Package



Applications

• DOCSIS 3.0 Data Cable Modems and E-MTAs

• CATV Set Top Boxes




Similar Part No. - ARA2017

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017RS29P8 ANADIGICS-ARA2017RS29P8 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Skyworks Solutions Inc.
ARA2017RS29P8 SKYWORKS-ARA2017RS29P8 Datasheet
1Mb / 15P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
More results


Similar Description - ARA2017

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
Programmable Gain Amplifier
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
Programmable Gain Amplifier
rev 2.1
logo
Analog Devices
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
Software Programmable Gain Amplifier
REV. D
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
Programmable Gain AMPLIFIER
INA145 TI1-INA145 Datasheet
330Kb / 15P
Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
Programmable Gain Instrumentation Amplifier
REV. D
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
Programmable Gain Amplifier
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com