Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3405A Datasheet (PDF) - Linear Technology

LTC3405A Datasheet PDF - Linear Technology
Part # LTC3405A
Download  LTC3405A Download
File Size   214.08 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT

LTC3405A Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3405A Datasheet PDF - Linear Technology

Part # LTC3405A
Download  LTC3405A Click to download

File Size   214.08 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT

LTC3405A Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3405A

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3405A LINEAR-LTC3405A Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC3405A LINER-LTC3405A Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3405A LINER-LTC3405A Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3405A LINER-LTC3405A Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3405A LINER-LTC3405A Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results


Similar Description - LTC3405A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com