Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3672B-1 Datasheet (PDF) - Linear Technology

LTC3672B-1 Datasheet PDF - Linear Technology
Part # LTC3672B-1
Download  LTC3672B-1 Download
File Size   174.22 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm2mm DFN

LTC3672B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3672B-1 Datasheet PDF - Linear Technology

Part # LTC3672B-1
Download  LTC3672B-1 Click to download

File Size   174.22 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm2mm DFN

LTC3672B-1 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3672B-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1 Datasheet
177Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual
More results


Similar Description - LTC3672B-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
Linear Technology
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual
LTC3672B-2 LINER-LTC3672B-2_15 Datasheet
163Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com