Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZMC2V4 Datasheet (PDF) - Vishay Siliconix

TZMC2V4 Datasheet PDF - Vishay Siliconix
Part # TZMC2V4
Download  TZMC2V4 Download
File Size   76.64 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon Epitaxial Planar Z-Diodes

TZMC2V4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TZMC2V4 Datasheet PDF - Vishay Siliconix

Part # TZMC2V4
Download  TZMC2V4 Click to download

File Size   76.64 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon Epitaxial Planar Z-Diodes

TZMC2V4 Datasheet (HTML) - Vishay Siliconix


TZMC2V4 Product details

FEATURES
• Very sharp reverse characteristic
• Low reverse current level
• Very high stability
• Low noise
• TZMC - VZ-tolerance ± 5 %
• TZMB - VZ-tolerance ± 2 %
• AEC-Q101 qualified




Similar Part No. - TZMC2V4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZMC2V4 VISHAY-TZMC2V4 Datasheet
104Kb / 8P
Small Signal Zener Diodes
28-Feb-06
TZMC2V4 VISHAY-TZMC2V4 Datasheet
102Kb / 7P
Small Signal Zener Diodes
TZMC2V4 VISHAY-TZMC2V4 Datasheet
102Kb / 7P
Small Signal Zener Diodes
TZMC2V4 VISHAY-TZMC2V4 Datasheet
102Kb / 7P
Small Signal Zener Diodes
More results


Similar Description - TZMC2V4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX85C15-TR VISHAY-BZX85C15-TR Datasheet
92Kb / 7P
Silicon Epitaxial Planar Z-Diodes
12-Mar-01
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
Silicon Epitaxial Planar Z-Diodes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com