Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC16620 Datasheet (PDF) - Texas Instruments

54AC16620 Datasheet PDF - Texas Instruments
Part # 54AC16620
Download  54AC16620 Download
File Size   128.89 Kbytes
Page   7 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

54AC16620 Datasheet (PDF)

Go To PDF Page Download Datasheet
54AC16620 Datasheet PDF - Texas Instruments

Part # 54AC16620
Download  54AC16620 Click to download

File Size   128.89 Kbytes
Page   7 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

54AC16620 Datasheet (HTML) - Texas Instruments


54AC16620 Product details

Members of the Texas Instruments
Widebus Family
3-State Outputs Drive Bus Lines Directly
Flow-Through Architecture Optimizes
PCB Layout
Distributed VCC and GND Pin
Configurations Minimize High-Speed
Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-µm Process
500-mA Typical Latch-Up Immunity at
125°C
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings
description
The ’AC16620 are inverting 16-bit transceivers
designed for asynchronous communication
between data buses. The control-function
implementation allows for maximum flexibility in
timing.
These devices can be used as two 8-bit
transceivers or one 16-bit transceiver. They allow
data transmission from the A bus to the B bus or
from the B bus to the A bus, depending on the logic
level at the complementary output-enable (OEAB
or OEBA) inputs. The output-enable inputs can be
used to disable the device so that the buses are
effectively isolated.
The dual-enable configuration gives the transceiver the capability to store data by simultaneously enabling
OEAB and OEBA. Each output reinforces its input in this transceiver configuration. Thus, when both control
inputs are enabled and all other data sources to the two sets of bus lines are at high impedance, the bus lines
remain at their last states.
The 74AC16620 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54AC16620 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74AC16620 is characterized for operation from –40°C to 85°C.




Similar Part No. - 54AC16620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16620 TI1-54AC16620 Datasheet
161Kb / 8P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16620WD TI1-54AC16620WD Datasheet
161Kb / 8P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16620 TI1-54AC16620_08 Datasheet
161Kb / 8P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 54AC16620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245 Datasheet
203Kb / 12P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
16-bit Bus Transceivers with 3-state Outputs
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com