Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK73B2ERTTP Datasheet (PDF) - KOA Speer Electronics, Inc.

RK73B2ERTTP Datasheet PDF - KOA Speer Electronics, Inc.
Part # RK73B2ERTTP
Download  RK73B2ERTTP Download
File Size   95.42 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description flat chip resistors (anti-sulfuration)

RK73B2ERTTP Datasheet (PDF)

Go To PDF Page Download Datasheet
RK73B2ERTTP Datasheet PDF - KOA Speer Electronics, Inc.

Part # RK73B2ERTTP
Download  RK73B2ERTTP Click to download

File Size   95.42 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description flat chip resistors (anti-sulfuration)

RK73B2ERTTP Datasheet (HTML) - KOA Speer Electronics, Inc.


RK73B2ERTTP Product details

features
• Marking: No marking on 1F, 1H & 1E sizes, black protective coat. White, three-digit marking on 1J ~ 3A on black protective coat.
• Products with lead-free terminations meet EU RoHS requirements. EU RoHS regulation is not intended for Pb glass contained in electrode, resistor element and glass.
• AEC-Q200 Qualified: 0201 (1H), 0402 (1E), 0603 (1J), 0805 (2A), 1206 (2B), 1210 (2E), 2010 (2H/W2H), 2512 (3A/W3A/W3A2)




Similar Part No. - RK73B2ERTTP

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B2E KOA-RK73B2E Datasheet
93Kb / 2P
general purpose 2%, 5%tolerance thick filmchip resistor
RK73B2E KOA-RK73B2E Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
RK73B2EGTA101G KOA-RK73B2EGTA101G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B2EGTA101J KOA-RK73B2EGTA101J Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B2EGTA102G KOA-RK73B2EGTA102G Datasheet
385Kb / 2P
general purpose 2%, 5% tolerance
More results


Similar Description - RK73B2ERTTP

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SG731JRT KOA-SG731JRT Datasheet
90Kb / 2P
surge current flat chip resistors (anti-sulfuration)
logo
American Accurate Compo...
CJS161000JM AAC-CJS161000JM Datasheet
163Kb / 1P
THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
logo
KOA Speer Electronics, ...
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
SG732ARTTD103K KOA-SG732ARTTD103K Datasheet
232Kb / 2P
surge current flat chip resistors (anti-sulfuration)
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
CN-KRT KOA-CN-KRT Datasheet
367Kb / 2P
anti sulfuration chip networks
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
anti sulfuration chip networks
logo
WALSIN TECHNOLOGY CORPO...
WR02X_V WALSIN-WR02X_V Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com