Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE20A Datasheet (PDF) - MDE Semiconductor, Inc.

LCE20A Datasheet PDF - MDE Semiconductor, Inc.
Part # LCE20A
Download  LCE20A Download
File Size   52.25 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR

LCE20A Datasheet (PDF)

Go To PDF Page Download Datasheet
LCE20A Datasheet PDF - MDE Semiconductor, Inc.

Part # LCE20A
Download  LCE20A Click to download

File Size   52.25 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR

LCE20A Datasheet (HTML) - MDE Semiconductor, Inc.


LCE20A Product details

STAND-OFF VOLTAGE- 6.5 TO 28 Volts

1500 Watt Peak Pulse Power



FEATURES

• Plastic package has Underwriters Laboratory Flammability Classification 94 V-O

• Glass passivated junction

• 1500W Peak Pulse Power capability on 10/1000 µs waveform

• Glass passivated junction

• Low incremental surge resistance

• Excellent clamping capability

• Repetition rate (duty cycle): 0.05%

• Fast response time: typically less than 5.0 ns from 0 volts to V(BV)

• Ideal for data line applications

• High temperature soldering guaranteed: 265°C/10 seconds/ .375", (9.5mm) lead length, 5lbs., (2.3kg) tension




Similar Part No. - LCE20A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE20A EIC-LCE20A Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE20A MICROSEMI-LCE20A Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Littelfuse
LCE20A LITTELFUSE-LCE20A Datasheet
121Kb / 4P
Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
LCE20A LITTELFUSE-LCE20A Datasheet
121Kb / 4P
1500W Axial Leaded Transient Voltage Supressors
logo
TAITRON Components Inco...
LCE20A TAITRON-LCE20A Datasheet
179Kb / 5P
1500W Low Capacitance Transient Voltage Suppressor
More results


Similar Description - LCE20A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SAC5.0 MDE-SAC5.0 Datasheet
72Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com