Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC7050B Datasheet (PDF) - Kyocera Kinseki Corpotation

KC7050B Datasheet PDF - Kyocera Kinseki Corpotation
Part # KC7050B
Download  KC7050B Download
File Size   123.38 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm

KC7050B Datasheet (PDF)

Go To PDF Page Download Datasheet
KC7050B Datasheet PDF - Kyocera Kinseki Corpotation

Part # KC7050B
Download  KC7050B Click to download

File Size   123.38 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm

KC7050B Datasheet (HTML) - Kyocera Kinseki Corpotation


KC7050B Product details

Features

• Surface mount type suitable for auto pick-and-place

• Reflow compatible

• CMOS, TTL IC direct drive is possible

• With tri-state function

• Broad frequency range 80MHz (PLL circuit is built in)

• Supply voltage VCC=5.0V available



 




Similar Part No. - KC7050B

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC7050B KSS-KC7050B Datasheet
129Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B KSS-KC7050B Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B KSS-KC7050B Datasheet
129Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
KC7050B KSS-KC7050B Datasheet
65Kb / 1P
Clock Oscillators
KC7050B80.0000C5ZBQZ KSS-KC7050B80.0000C5ZBQZ Datasheet
65Kb / 1P
Clock Oscillators
More results


Similar Description - KC7050B

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032D KSS-KC5032D Datasheet
119Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
KC5032D KSS-KC5032D_12 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
CMOS/ 1.8V/ 7.0횞5.0mm
KC7050A-C2 KSS-KC7050A-C2 Datasheet
127Kb / 1P
CMOS/ 2.5V/ 7.0횞5.0mm
KC7050A-C3 KSS-KC7050A-C3 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 7.0횞5.0mm
KC7050A-C5 KSS-KC7050A-C5 Datasheet
125Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-31F KSS-KC7050B_FXO-31F Datasheet
129Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-34F KSS-KC7050B_FXO-34F Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-37FNB KSS-KC7050B_FXO-37FNB Datasheet
129Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com