Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ4033 Datasheet (PDF) - Mospec Semiconductor

MJ4033 Datasheet PDF - Mospec Semiconductor
Part # MJ4033
Download  MJ4033 Download
File Size   125.29 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(16A,60-100V,150W)

MJ4033 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ4033 Datasheet PDF - Mospec Semiconductor

Part # MJ4033
Download  MJ4033 Click to download

File Size   125.29 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(16A,60-100V,150W)

MJ4033 Datasheet (HTML) - Mospec Semiconductor


MJ4033 Product details

MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS

...designed for use as output devices in complementary general purpose amplifier applications.

FEATURES:
* High Gain Darlington Performance
* DCCurrent Gain hFE = 3500(Typ) @ lc = 10A
* Monolithic Construction with Built-in Base-Emitter Shunt Resistor




Similar Part No. - MJ4033

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MJ4033 CENTRAL-MJ4033 Datasheet
54Kb / 1P
Power Transistors
logo
Savantic, Inc.
MJ4033 SAVANTIC-MJ4033 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
MJ4033 COMSET-MJ4033 Datasheet
220Kb / 4P
MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
MJ4033 COMSET-MJ4033 Datasheet
79Kb / 3P
MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
logo
Savantic, Inc.
MJ4033 SAVANTIC-MJ4033 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - MJ4033

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
2N6259 MOSPEC-2N6259 Datasheet
111Kb / 3P
POWER TRANSISTORS(16A,150V,150W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
POWER TRANSISTORS(16A,60-100V,125W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
TIP110 MOSPEC-TIP110 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com