Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCH1035 Datasheet (PDF) - LUXPIA

LCH1035 Datasheet PDF - LUXPIA
Part # LCH1035
Download  LCH1035 Download
File Size   220.53 Kbytes
Page   16 Pages
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA
Description 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type

LCH1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCH1035 Datasheet PDF - LUXPIA

Part # LCH1035
Download  LCH1035 Click to download

File Size   220.53 Kbytes
Page   16 Pages
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA
Description 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type

LCH1035 Datasheet (HTML) - LUXPIA




Similar Part No. - LCH1035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
Power Resistor, for Mounting onto a Heatsink Thick Film Technology
05-Aug-13
More results


Similar Description - LCH1035

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LBH1000 LUXPIA-LBH1000 Datasheet
172Kb / 15P
1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type SMD
LBW1000 LUXPIA-LBW1000 Datasheet
197Kb / 14P
1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LGH1000 LUXPIA-LGH1000 Datasheet
177Kb / 15P
Colorless transparency 1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
LGH1035 LUXPIA-LGH1035 Datasheet
221Kb / 16P
SMD Top View Type 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LOU1035 LUXPIA-LOU1035 Datasheet
217Kb / 16P
Colorless transparency 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LWH1000 LUXPIA-LWH1000 Datasheet
212Kb / 15P
1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
5.3 mm 횞 1.8 mm
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com