Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP24 Datasheet (PDF) - Rhombus Industries Inc.

SP24 Datasheet PDF - Rhombus Industries Inc.
Part # SP24
Download  SP24 Download
File Size   43.05 Kbytes
Page   1 Pages
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.
Description SP24 Series 20-Tap High Performance Passive Delay Modules

SP24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP24 Datasheet PDF - Rhombus Industries Inc.

Part # SP24
Download  SP24 Click to download

File Size   43.05 Kbytes
Page   1 Pages
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.
Description SP24 Series 20-Tap High Performance Passive Delay Modules

SP24 Datasheet (HTML) - Rhombus Industries Inc.


SP24 Product details

20-Tap High Performance Passive Delay Modules

● Fast Rise Time, Low DCR
● High Bandwidth 0.35 / t r
● Low Distortion LC Network
● 20 Equal Delay Taps
● Standard Impedances: 50 - 75 - 100 - 200 Ω
● Stable Delay vs. Temperature: 100 ppm/°C
● Operating Temperature Range -55°C to +125°C




Similar Part No. - SP24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP24 ETC2-SP24 Datasheet
178Kb / 3P
Heat Shrink
logo
Littelfuse
SP24-01WTG-C-HV LITTELFUSE-SP24-01WTG-C-HV Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SP24-01WTG-C-HV LEIDITECH-SP24-01WTG-C-HV Datasheet
907Kb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Multicomp Pro
SP24/1.2/BLACK MULTICOMP-SP24/1.2/BLACK Datasheet
191Kb / 3P
Heat Shrinks
19/03/21 V1.0
logo
Pro-Power
SP24/1.2/BLACK PROPOWER-SP24/1.2/BLACK Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
More results


Similar Description - SP24

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
5 TAP 7 PIN SIP PASSIVE DELAY MODULES
S469-0005-XX BEL-S469-0005-XX Datasheet
49Kb / 1P
10 TAP 14 PIN DIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
AIZ Series Passive 10-Tap DIP/SMD Delay Modules
AMZ-2.55 RHOMBUS-IND-AMZ-2.55 Datasheet
42Kb / 1P
AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules
SIP4 RHOMBUS-IND-SIP4 Datasheet
30Kb / 1P
SIP4 Series 5-Tap High Performance Passive Delay Modules
SIP5 RHOMBUS-IND-SIP5 Datasheet
34Kb / 1P
SIP5 Series 10-Tap High Performance Passive Delays
SIP16 RHOMBUS-IND-SIP16 Datasheet
27Kb / 1P
19-Pin SIP 16-Tap High Performance Passive Delay Modules
SP24A RHOMBUS-IND-SP24A Datasheet
45Kb / 1P
SP24A Series 20-Tap High Performance Passive Delay Modules
TF50-5 RHOMBUS-IND-TF50-5_1 Datasheet
38Kb / 1P
TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TZA1-5 RHOMBUS-IND-TZA1-5 Datasheet
35Kb / 1P
TZA / TYA Series 5-Tap High Performance Passive Delay Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com