Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3584 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N3584 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N3584
Download  2N3584 Download
File Size   130.96 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

2N3584 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3584 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N3584
Download  2N3584 Click to download

File Size   130.96 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Power Transistors

2N3584 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N3584 Product details

DESCRIPTION
• With TO-66 package
• Continuous collector current-IC=2A
• Power dissipation -PD=35W @TC=25℃
• VCE(SAT)=0.75V(Max)@IC=1A;IB=0.125A

APPLICATIONS
• High speed switching and linear amplification
• High-voltage operational amplifiers
• Switching regulators ,converters
• Deflection stages and high fidelity amplifers




Similar Part No. - 2N3584

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3584 MOSPEC-2N3584 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
logo
Boca Semiconductor Corp...
2N3584 BOCA-2N3584 Datasheet
224Kb / 4P
COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Microsemi Corporation
2N3584 MICROSEMI-2N3584 Datasheet
64Kb / 3P
5 Amp, 375V, High Voltage NPN Silicon Power Transistors
2N3584 MICROSEMI-2N3584 Datasheet
65Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3584 CENTRAL-2N3584 Datasheet
51Kb / 1P
Power Transistors
More results


Similar Description - 2N3584

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com