Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE2801 Datasheet (PDF) - Mospec Semiconductor

MJE2801 Datasheet PDF - Mospec Semiconductor
Part # MJE2801
Download  MJE2801 Download
File Size   119.15 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(10A,60V,75W)

MJE2801 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE2801 Datasheet PDF - Mospec Semiconductor

Part # MJE2801
Download  MJE2801 Click to download

File Size   119.15 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(10A,60V,75W)

MJE2801 Datasheet (HTML) - Mospec Semiconductor


MJE2801 Product details

... designed for use as output device in complementary audio amplifiers up to 30-Watts music power per channel

FEATURES:
• Collector-Emitter Sustaining Voltage-
   VCEO(sus) = 60 V (Min)
* DC Current Gain-
   hFE = 25-100 @ Ic = 3.0 A




Similar Part No. - MJE2801

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
MJE2801T ISC-MJE2801T Datasheet
101Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
MJE2801T NJSEMI-MJE2801T Datasheet
118Kb / 2P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
More results


Similar Description - MJE2801

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4231A MOSPEC-2N4231A Datasheet
189Kb / 4P
POWER TRANSISTORS(5A,75W)
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
POWER TRANSISTORS(8A, 75W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
BU326 MOSPEC-BU326 Datasheet
123Kb / 3P
POWER TRANSISTORS(6A,375-400V,75W)
MJE13004 MOSPEC-MJE13004 Datasheet
180Kb / 4P
POWER TRANSISTORS(4A,300-400V,75W)
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
POWER TRANSISTORS(10A,60V,75W)
logo
KODENSHI_AUK CORP.
SDB1060PH KODENSHI-SDB1060PH Datasheet
260Kb / 5P
60V, 10A POWER SCHOTTKY RECTIFIER
SDB1060PH-1 KODENSHI-SDB1060PH-1 Datasheet
260Kb / 5P
60V, 10A POWER SCHOTTKY RECTIFIER
logo
Nell Semiconductor Co.,...
MJE3055A NELLSEMI-MJE3055A Datasheet
195Kb / 3P
Complementary Silicon power transistors (10A / 60V / 75W)
logo
Rohm
RD3L01BAT ROHM-RD3L01BAT Datasheet
2Mb / 14P
Pch -60V -10A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com